specification gs25a05-p1j gs25a07-p1j gs25a09-p1j gs25a12-p1j gs25a15-p1j gs25a18-p1j gs25a24-p1j gs25a28-p1j GS25A48-P1J order no. safety model no. dc voltage note.2 rated current current range rated power (max.) ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 5v gs25a05 7.5v gs25a07 9v gs25a09 12v gs25a12 15v gs25a15 18v gs25a18 24v gs25a24 28v gs25a28 48v gs25a48 50mvp-p 80mvp-p 80mvp-p 80mvp-p 100mvp-p 150mvp-p 180mvp- p 240mvp-p 240mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 90 ~ 264vac 135 ~ 370vdc 47 ~ 63hz 78.5% 81.5% 82.5% 84.5% 84.5% 84.5% 85.5% 85.5% 87% 0.7a / 100vac 45a / 230vac 0.75ma / 240vac withstand voltage isolation resistance i/p-o/p: , i/p-fg:2121 4242vdc vdc i/p-o/p, i/p-fg:100m ohms / 500vdc / 25 / 70% rh 500khrs min. mil-hdbk-217f(25 ) 0 ~ +50 (refer to "derating curve") 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 93*54*36mm (l*w*h) 230g ; 60pcs / 15kg / carton connector plug cable see page2 see page2 1.all parameters are specified at 230vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerance: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 20% to 100% rated load 7.the power supply is considered as an independent unit, but the final equi pment still need to re-confirm that the whole system complies with the emc directives. 20~25w ac-dc single output desktop g s 2 5 a s e r i e s features : overload over voltage 110 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed 105 ~ 135% rated output voltage 4.0a 2.93a 2.77a 2.08a 1.66a 1.38a 1.04a 0.89a 0.52a 0 ~ 4.0a 0 ~ 2.93a 0 ~ 2.77a 0 ~ 1.66a 0 ~ 1.38a 0 ~ 1.04a 0 ~ 0.89a 0 ~ 0.52a 20w 22w 25w 25w 0 ~ 2.08a 25w 25w 25w 25w 25w protection type : clamp by zener diode universal ac input / full range no load power consumption<0.3w erp step2 compliant meet eisa 2007 (energy independence and security act) 3 pole ac inlet iec320-c14 class power ( with earth pin) protections: short circuit / overload / over voltage fully enclosed plastic case led indicator for power on approvals: ul / cul / tuv / bsmi / ccc / pse / cb / fcc / ce pass lps 2 years warranty 500ms, 20ms, 50ms/230vac 500ms, 20ms, 15ms/115vac at full load (for 5v~28v only) file name:gs25a-spec 2011-06-14 ul60950-1, csa c22.2, tuv en60950-1, bsmi cns14336, pse j60950-1( 5~28v only), ccc gb4943 approved compliance to en55022 , fcc part 15 / cispr22 class b, cns13438 class b en61000-3-2,3 , , gb9254 compliance to en61000-4-2,3,4,5,6,8,11, light industry level, c riteria a emc immunity emc emission
power led 70 10mm 11 0.5mm name plate mechanical specification derating curve file name:gs25a-spec 2011-06-14 unit:mm ul1185 16awg 1230 50mm for 5v~12v ul1185 18awg 1830 50mm for 15v~48v ta ( ) load (%) 0 10 20 30 40 70 100 static characteristics input voltage load (%) 0 50 60 70 60 100 260 80 90 100 80 plug assignment standard plug: p1j 36 93 54 20~25w ac-dc single output desktop g s 2 5 a s e r i e s 50 id 2.1 x od 5.5 c"+" p/n output p1j center +
|